PART |
Description |
Maker |
MJE2955T MJE2955TG MJE3055TG MJE3055T |
Bipolar Power TO220 PNP 10A 60V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB Complementary Silicon Plastic Power Transistors
|
ON Semiconductor
|
BC461-5 SEMELABLTD-BC461-5E1 |
2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-5 Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
|
SEMELAB LTD Seme LAB
|
2SA2092TLQ 2SA209211 |
-1A / -60V Bipolar transistor -1A /-60V Bipolar transistor Low switching noise.
|
Rohm
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
VI-B64-MU-BM VI-B61-CU-BM VI-B63-EU-BM VI-B63-MU-B |
LED IR 935NM PLASTIC SIDELOOK 电池充电电流源模 RES, 160 OHM 1/8W 5% 电池充电电流源模 Battery Charger Current Source Modules 电池充电电流源模 TRANS NPN LO SAT 60V 4.5A TO-92 TRANS PNP LO SAT 60V 5.5A SOT223 47K OHM 1/10W 5% SMT RESISTOR TRANS PNP LO SAT 60V 3.5A TO-92
|
Vicor, Corp. VICOR[Vicor Corporation]
|
MMJT9435T1G MMJT9435T3G |
Bipolar Power Transistors PNP Silicon 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-261AA
|
ON Semiconductor
|
ZX5T951Z ZX5T951ZTA |
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 4.3 A, 60 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
MJ8100 |
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package. 5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-205AD
|
TT electronics Semelab, Ltd. Seme LAB
|
2SB834 2SB834O 2SB834Y |
POWER TRANSISTORS(3.0A,60V,30W) TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 3A I(C) | TO-220AB 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 3A条一(c)| TO - 220AB现有
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP. Mospec Semiconductor, Corp.
|
FZT591-15 |
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
|
Diodes Incorporated
|
FMMT591 |
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
|
Diodes Incorporated
|
FCX591-15 |
60V PNP MEDIUM POWER TRANSISTOR IN SOT89
|
Diodes Incorporated
|